Part Number Hot Search : 
TIP146 RB085 L50QS400 LC505 FED16DT U2895B AN7381 DHR600C5
Product Description
Full Text Search
 

To Download TLWR9901 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vishay TLWR9901 document number 83209 rev. a2, 22-apr-03 vishay semiconductors www.vishay.com 1 16 012 telux? description the telux? series is a clear, non diffused led for applications where supreme luminous flux is required. it is designed in an industry standard 7.62 mm square package utilizing highly developed (as) allngap technology. the supreme heat dissipation of telux? allows applications at high ambient temperatures. all packing units are binned for luminous flux, forward voltage and color to achieve the most homogenous light appearance in application. sae and ece color requirements for automobile application are available for color red. esd resistivity 2kv (hbm) according to mil std 883d, method 3015.7. features  utilizing one of the world?s brightest (as) allngap technologies  high luminous flux  supreme heat dissipation: r thjp is 90 k/w  high operating temperature: t j = + 125 c  meets sae and ece color requirements for the automobile industry for color red  packed in tubes for automatic insertion  luminous flux, forward voltage and color catego- rized for each tube  small mechanical tolerances allow precise usage of external reflectors or lightguides applications  exterior lighting  dashboard illumination  tail-, stop - and turn signals of motor vehicles  replaces small incandescent lamps  traffic signals and signs parts table absolute maximum ratings t amb = 25 c, unless otherwise specified TLWR9901 part color, luminous intensity angle of half intensity ( ? ) technology TLWR9901 red, v > (2500 to 6100) mlm 45 allngap on gaas parameter tes t co nd iti on symbol value unit reverse voltage i r = 100 a v r 10 v dc forward current t amb 85 c i f 70 ma surge forward current t p 10 s i fsm 0.1 a power dissipation t amb 85 c p v 187 mw junction temperature t j 125 c operating temperature range t amb - 40 to + 110 c
www.vishay.com 2 document number 83209 rev. a2, 22-apr-03 vishay TLWR9901 vishay semiconductors optical and electrical characteristics t amb = 25 c, unless otherwise specified red TLWR9901 typical characteristics (t amb = 25 c unless otherwise specified) storage temperature range t stg - 55 to + 110 c soldering temperature t 5 s, 1.5 mm from body preheat temperature 100 c/ 30 sec. t sd 260 c thermal resistance junction/ ambient with cathode heatsink of 70 mm 2 r thja 200 k/w parameter test condition symbol min typ. max unit tot al flu x i f = 70 ma, r thja = 200 k/w v 2500 3200 6100 mlm luminous intensity/total flux i f = 70 ma, r thja = 200 k/w i v / v 0.7 mcd/mlm dominant wavelength i f = 70 ma, r thja = 200 k/w d 611 615 634 nm peak wavelength i f = 70 ma, r thja = 200 k/w p 624 nm angle of half intensity i f = 70 ma, r thja = 200 k/w ? 45 deg total included angle 90 % of total flux captured ? 0.9v 100 deg forward voltage i f = 70 ma, r thja = 200 k/w v f 1.83 2.2 2.67 v reverse voltage i r = 100 a v r 10 20 v temperature coefficient < d i f = 70 ma tc d 17 nm/k temperature coefficient v f i f = 70 ma, t > - 25 c tc vf - 2.9 mv/k parameter test condition symbol value unit figure 1. power dissipation vs. ambient temperature 0 25 50 75 100 125 150 175 200 0 20406080100120 t amb ? ambient temperature ( q c ) 15982 p ? power dissipation ( mw ) v r thja =200k/w red figure 2. forward current vs. ambient temperature 0 20 40 60 80 100 0 20406080100120 t amb ? ambient temperature ( q c ) 15983 i ? forward current ( ma ) f r thja =200k/w red
vishay TLWR9901 document number 83209 rev. a2, 22-apr-03 vishay semiconductors www.vishay.com 3 figure 3. forward current vs. pulse length figure 4. rel. luminous intensity vs. angular displacement figure 5. percentage total luminous flux vs. total included angle for 60 emission angle 0.00 0.02 0.04 0.06 0.08 0.10 0.12 t p ? pulse length (ms) i ?forward current (a) f 10 ?5 10 ?4 10 ?3 10 ?2 10 ?1 10 0 10 1 10 2 0.005 0.05 0.5 16731 16200 0.4 0.2 0 0.2 0.4 0.6 0.6 0.9 0 30 10 20 40 50 60 70 80 1.0 0.8 0.7 angular displacement i - relative luminous intensity v rel 0 10 20 30 40 50 60 70 80 90 100 0 25 50 75 100 125 total included angle (degrees) 16005 % total luminous flux figure 6. thermal resistance junction ambient vs. cathode padsize r in k/w 160 170 180 190 200 210 220 230 0 50 100 150 200 250 300 cathode padsize in mm 2 16009 thja padsize 8 mm 2 per anode pin
www.vishay.com 4 document number 83209 rev. a2, 22-apr-03 vishay TLWR9901 vishay semiconductors package dimensions in mm 16004
vishay TLWR9901 document number 83209 rev. a2, 22-apr-03 vishay semiconductors www.vishay.com 5 ozone depleting substances policy statement it is the policy of vishay semiconductor gmbh to 1. meet all present and future national and international statutory requirements. 2. regularly and continuously improve the performance of our products, processes, distribution and operatingsystems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. it is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (odss). the montreal protocol (1987) and its london amendments (1990) intend to severely restrict the use of odss and forbid their use within the next ten years. various national and international initiatives are pressing for an earlier ban on these substances. vishay semiconductor gmbh has been able to use its policy of continuous improvements to eliminate the use of odss listed in the following documents. 1. annex a, b and list of transitional substances of the montreal protocol and the london amendments respectively 2. class i and ii ozone depleting substances in the clean air act amendments of 1990 by the environmental protection agency (epa) in the usa 3. council decision 88/540/eec and 91/690/eec annex a, b and c (transitional substances) respectively. vishay semiconductor gmbh can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances. we reserve the right to make changes to improve technical design and may do so without further notice. parameters can vary in different applications. all operating parameters must be validated for each customer application by the customer. should the buyer use vishay semiconductors products for any unintended or unauthorized application, the buyer shall indemnify vishay semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. vishay semiconductor gmbh, p.o.b. 3535, d-74025 heilbronn, germany telephone: 49 (0)7131 67 2831, fax number: 49 (0)7131 67 2423


▲Up To Search▲   

 
Price & Availability of TLWR9901

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X